Part Number Hot Search : 
PZM39N AD602JN HMS39112 74HCT40 MB89P475 Z5233B SKY650 F052105
Product Description
Full Text Search
 

To Download WT1210ML850A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Low Capacity
Littelfuse series MLA.
TVS 1210 SMD
Specifications
Packaging Material
Tape and Reel T 7 inch reel (2.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Temperature Operating Temperature
-55 to +125C
Solderability
Applications
Dimensions (mm)
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
0.50-0.25
WebLinks
3.20-0.30 1.80 2.50-0.30
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
Soldering Heat Resistance Time Response Time
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file: www.wickmanngroup.com/download/ techvaristor.pdf
Power dissipation
0.15W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT1210ML180L WT1210ML300L WT1210ML450L 18,0 30,0 45,0 14,0 25,0 35,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
1900 720 380
max. non-repetitive surge current (8/20 s) ITM (A)
200 200 220
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) W TM Vc VN(DC)min. V N(DC)max. (J) (V@A) (V) (V)
1,50 0,90 0,90 38,0 @ 10 65,0 @ 10 90,0 @ 10 22,0 35,0 50,0 28,0 43,0 61,0
typ. inductance
1MHz C typ. (pF)
1660 630 315
Ltyp. (nH)
1,8 1,8 1,8
Order Information
050915
Qty.
OrderNumber
Type Type WT1210ML180 L
Terminal Terminal Code Packaging
P T
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
V ARISTORS
TVS 1210 SMD
WT1210ML450L WT1210ML300L 45,0 45,0 30,0 18,0 30,0 18,0 WT1210ML180L
V/I Characteristics
Maximum Surge Current: WT1210ML180L - WT1210ML300L
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
VARISTORS
TVS 1210 SMD
Maximum Surge Current: WT1210ML450L
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WT1210ML850A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X